PART |
Description |
Maker |
6486 |
Telecom Bed of Nails to Bantam Plug
|
Pomona Electronics
|
482 |
Phone Plug; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Gender:Male; No. of Contacts:3 6.3 MM AUDIO CONNECTOR, PLUG
|
Switchcraft, Inc.
|
230 S-230 220 |
1/4 FLAT PLUG PHONE PLUGS
|
Switchcraft, Inc.
|
MICRORAM URAM2H21 URAM2C21 URAM3TS3 URAM2C11 URAM2 |
Output Ripple Attenuation Module Temperature Range:-40 C to 85 C; Capacitance:4700uF RoHS Compliant: Yes O-RING, METALOK BANTAM; Temp, op. max:125(degree C); Temp, op. min:-55(degree C); Series:METALOK BANTAM Output Ripple Attenuation Module 输出纹波衰减模块 Crimp Socket Contact; Wire Size (AWG):28; Contact Size:16; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
VICOR[Vicor Corporation] Vicor, Corp.
|
4993 |
Adapter, Bantam Female To WE310 Male
|
Pomona Electronics
|
227 |
Flat Phone Plug; For Use With:11; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Number of Contacts:2; Terminal Type:Solder
|
SWITCHCRAFT INC
|
HIF7-80PA-1.27DSAL HIF7-80PA-1.27DSL HIF7-100DA-1. |
1.27mm (.050) MINIATURE CONNECTORS 1.27毫米050)微型连接器 Time-Delay Relay; Time Range:; Mounting Type:Plug In; Timing Function:Interval; Leaded Process Compatible:Yes; Load Current Max:1A; Relay Mounting:Plug-In; Supply Voltage:12VDC; Time Range Max:30s; Time Range Min:0.1s RoHS Compliant: Yes 1.27mm (.050) MINIATURE CONNECTORS
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
R2211223 R2211225 R2211227 R2211229 R2211243 R2211 |
Miniature plug-in power relays
|
ZETTLER Electronics
|
KF959V KF959 |
900MHz Cordless Phone SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RF CIRCUITS OF CORDLESS PHONE(CT-1 )
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
MH8841AE MH8841AN |
6V; 10mA; calling number identification circuit. For feature phone, phone set adjunct boxes, FAX machines, telephone answering machines, database query systems
|
Mitel Semiconductor
|
3030 |
Miniature Double Banana Plug Shorting Bar
|
Pomona Electronics
|